Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSCSM170TAM23CTPAG Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce MSCSM170TAM23CTPAG
Description  Triple Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170TAM23CTPAG Fiches technique(HTML) 12 Page - Microchip Technology

Back Button MSCSM170TAM23CTPAG Datasheet HTML 8Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 9Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 10Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 11Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 12Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 13Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 14Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 15Page - Microchip Technology MSCSM170TAM23CTPAG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2.
Package Specifications
The following section shows the package specification of the MSCSM170TAM23CTPAG device.
2.1
Package Outline
The following figure shows the package outline drawing of the MSCSM170TAM23CTPAG device. The dimensions in
the following figure are in millimeters.
Figure 2-1. Package Outline Drawing
Note:  See AN1902—Mounting Instruction for SP6–P (12 mm) Power Modules for more information.
MSCSM170TAM23CTPAG
Package Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003965A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17