Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8F082ASH020SC Fiches technique(PDF) 219 Page - Zilog, Inc.

No de pièce Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Fiches technique(HTML) 219 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 215Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 216Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 217Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 218Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 219Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 220Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 221Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 222Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 223Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
201
Figure 32. Port Input Sample Timing
Table 127. GPIO Port Input Timing
Parameter
Abbreviation
Delay (ns)
Minimum
Maximum
TS_PORT
Port Input Transition to XIN Rise Setup Time
(Not pictured)
5–
TH_PORT
XIN Rise to Port Input Transition Hold Time
(Not pictured)
0–
TSMR
GPIO Port Pin Pulse Width to ensure STOP Mode
Recovery
(for GPIO Port Pins enabled as SMR sources)
1
µs
System
TCLK
Port Pin
Port Value
Changes to 0
0 Latched
Into Port Input
Input Value
Port Input Data
Register Latch
Clock
Data Register
Port Input Data
Read on Data Bus
Port Input Data Register
Value 0 Read
by eZ8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More