Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8F082ASH020SC Fiches technique(PDF) 178 Page - Zilog, Inc.

No de pièce Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Fiches technique(HTML) 178 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 176Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 177Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 178Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 179Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 180Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 181Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 182Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Oscillator Control
Z8 Encore! XP® F08xA Series
Product Specification
160
Oscillator Control
Overview
The Z8 Encore! XP® F08xA Series devices uses five possible clocking schemes, each
user-selectable:
• On-chip precision trimmed RC oscillator
• On-chip oscillator using off-chip crystal or resonator
• On-chip oscillator using external RC network
• External clock drive
• On-chip low precision Watch-Dog Timer oscillator
In addition, Z8 Encore! XP® F08xA Series devices contain clock failure detection and
recovery circuitry, allowing continued operation despite a failure of the primary oscillator.
Operation
This chapter discusses the logic used to select the system clock and handle primary oscil-
lator failures. A description of the specific operation of each oscillator is outlined else-
where in this document. The detailed description of the Watch-Dog Timer Oscillator starts
on page 79, the Internal Precision Oscillator description begins on page 169, and the chap-
ter outlining the Crystal Oscillator begins on page 165 of this document.
System Clock Selection
The oscillator control block selects from the available clocks. Table 101 details each clock
source and its usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More