Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8F082ASH020SC Fiches technique(PDF) 143 Page - Zilog, Inc.

No de pièce Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Fiches technique(HTML) 143 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 139Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 140Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 141Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 142Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 143Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 144Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 145Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 146Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 147Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Temperature Sensor
Z8 Encore! XP® F08xA Series
Product Specification
125
The following equation defines the transfer function between the temperature sensor out-
put voltage and the die temperature:
T = 100*V - 77 (where T is the temperature in C; V is the sensor output in Volts)
Assuming a compensated ADC measurement, the following equation defines the relation-
ship between the ADC reading and the die temperature:
T = (25/128)*ADC - 77 (where T is the temperature in C; ADC is the 10 bit compensated
ADC value)
Calibration
The temperature sensor undergoes calibration during the manufacturing process and is
maximally accurate only at 30°C. Accuracy decreases as measured temperatures move
further from the calibration point.
Because this sensor is an on-chip sensor it is recommended that the user account for the
difference between ambient and die temperature when inferring ambient temperature con-
ditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More