Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8F082ASH020SC Fiches technique(PDF) 114 Page - Zilog, Inc.

No de pièce Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Fiches technique(HTML) 114 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 110Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 111Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 112Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 113Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 114Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 115Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 116Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
96
TXD—Transmit Data
UART transmitter data byte to be shifted out through the TXDx pin.
UART Receive Data Register
Data bytes received through the RXDx pin are stored in the UART Receive Data register
(Table 61). The read-only UART Receive Data register shares a Register File address with
the Write-only UART Transmit Data register.
RXD—Receive Data
UART receiver data byte from the RXDx pin
UART Status 0 Register
The UART Status 0 and Status 1 registers (Table 62 and 54) identify the current UART
operating configuration and status.
RDA—Receive Data Available
This bit indicates that the UART Receive Data register has received data. Reading the
UART Receive Data register clears this bit.
0 = The UART Receive Data register is empty.
1 = There is a byte in the UART Receive Data register.
PE—Parity Error
This bit indicates that a parity error has occurred. Reading the UART Receive Data regis-
ter clears this bit.
Table 61. UART Receive Data Register (U0RXD)
BITS
7
6
5
4
3
2
1
0
FIELD
RXD
RESET
XX
XX
XXX
X
R/W
R
R
R
RRR
RR
ADDR
F40H
Table 62. UART Status 0 Register (U0STAT0)
BITS
7
6
5
4
3
2
1
0
FIELD
RDA
PE
OE
FE
BRKD
TDRE
TXE
CTS
RESET
00
00
0
1
1
X
R/W
RR
RR
R
R
R
R
ADDR
F41H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More