Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2007DIE2 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 45Page - STMicroelectronics STE2007DIE2 Datasheet HTML 46Page - STMicroelectronics STE2007DIE2 Datasheet HTML 47Page - STMicroelectronics STE2007DIE2 Datasheet HTML 48Page - STMicroelectronics STE2007DIE2 Datasheet HTML 49Page - STMicroelectronics STE2007DIE2 Datasheet HTML 50Page - STMicroelectronics STE2007DIE2 Datasheet HTML 51Page - STMicroelectronics STE2007DIE2 Datasheet HTML 52Page - STMicroelectronics STE2007DIE2 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
STE2007
8 Commands
49/62
8.12.3 Electronic volume
This command sets a value of electronic volume EV for the VLCD voltage regulator, to adjust
the contrast of LCD panel display (End User).
Table 34.
Electronic volume
Table 35.
EV
8.13
Power saver mode
If the display all points ON command is executed when the display is in display OFF mode,
power saver mode is entered. This mode stops every operation of the LCD display system.
Figure 37. Power saver mode
The internal states in power saver mode are as follows:
–
The oscillation circuit is stopped
–
The LCD power supply circuit is stopped
–
The LCD driver circuit is stopped and segment/common driver outputs to the Vss
level
(D/C)
D7
D6D5D4D3
D2D1D0
Setting
0
1
0
0
Electronic Volume Value
Command Identifier + Data Field
(D/C)
D7D6D5D4D3D2D1D0
Hex
EV Value
VLCD voltage
010000000
80
0 Step
low
0
00001
81
1 Step
0
00010
82
2 Step
::
:
:
:
0
10000
90
16 Step (Default)
::
:
:
:
0
11110
9E
30 Step
0
11111
9F
31 Step
high
Power saver (Display OFF & Display all points ON
Power saver mode
Powersaver OFF (Display all points OFF)
Power saver mode canceled
Command
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62