Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2007DIE2 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 39Page - STMicroelectronics STE2007DIE2 Datasheet HTML 40Page - STMicroelectronics STE2007DIE2 Datasheet HTML 41Page - STMicroelectronics STE2007DIE2 Datasheet HTML 42Page - STMicroelectronics STE2007DIE2 Datasheet HTML 43Page - STMicroelectronics STE2007DIE2 Datasheet HTML 44Page - STMicroelectronics STE2007DIE2 Datasheet HTML 45Page - STMicroelectronics STE2007DIE2 Datasheet HTML 46Page - STMicroelectronics STE2007DIE2 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
STE2007
8 Commands
43/62
8
Commands
8.1
Display ON/OFF
This command turns the display ON and OFF
Table 19.
Display ON/OFF
When the Display OFF command is executed in the Display all points ON mode, Power saver
mode is entered. See the section on the Power saver for details.
8.2
Display normal/reverse
This command can reverse the lit and unlit without overwriting the contents of
the DDRAM.
Table 20.
Display normal/reverse
8.3
Display all points ON/OFF
This command makes it possible to force all display points ON regardless of the content of the
DDRAM. Even when this is done, the DDRAM contents are maintained. This command takes
priority over the Display normal/reverse command.
Table 21.
Display all points ON/OFF
When the Display all points ON command is executed when in the Display OFF mode, Power
saver mode is entered. See the section on the Power Saver for details.
(D/C)
D7D6D5D4D3D2D1D0
HEX
Setting
0
10101110
AE
Display OFF
0
1
AF
Display ON
(D/C)
D7D6
D5D4
D3D2
D1D0
HEX
Setting
0
1
01
00
11
0
A6
Normal:DDRAM Data ”H”=LCD ON
voltage
01
A7
Reverse:DDRAM Data ”L”=LCD ON
voltage
(D/C)
D7D6
D5D4
D3D2
D1D0
HEX
Setting
0
1
01
00
10
0
A4
Normal Display Mode
0
1
A5
Display All Points ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62