| Moteur de recherche de fiches techniques de composants électroniques |
|
AM7945JC Fiches technique(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7945JC Fiches technique(HTML) 14 Page - Advanced Micro Devices |
|
14 / 18 page ![]() 14 Am7945 Data Sheet TEST CIRCUITS IL2-4 = 20 log (VTX / VAB) A. Two- to Four-Wire Insertion Loss VAB RL 2 RL 2 A(TIP) B(RING) VTX RSN AGND SLIC B. Four- to Two-Wire Insertion Loss and Balance Return Signal RT RRX VL VAB A(TIP) B(RING) VTX RSN AGND SLIC VL S2 Open, S1 Closed L-T Long. Bal. = 20 log (VAB / VL) L-4 Long. Bal. = 20 log (VTX / VL) S2 Closed, S1 Open 4-L Long. Sig. Gen. = 20 log (VL / VRX) C. Longitudinal Balance RT RRX VRX S2 RL 2 RL 2 S1 VL C 1 ωC << RL Note: ZD is the desired impedance (e.g., the characteristic impedance of the line). RL = –20 log (2 VM / VS) VM A(TIP) B(RING) VTX RSN AGND SLIC RT1 RRX RT2 ZD R R ZIN CT1 VS D. Two-Wire Return Loss Test Circuit VAB RL RSN AGND VTX VRX RRX SLIC B(RING) A(TIP) RT IL4-2 =20log (VAB / VRX) BRS = 20 log (VTX / VRX) |