Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7945JC Fiches technique(PDF) 17 Page - Advanced Micro Devices

No de pièce AM7945JC
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945JC Fiches technique(HTML) 17 Page - Advanced Micro Devices

Back Button AM7945JC Datasheet HTML 10Page - Advanced Micro Devices AM7945JC Datasheet HTML 11Page - Advanced Micro Devices AM7945JC Datasheet HTML 12Page - Advanced Micro Devices AM7945JC Datasheet HTML 13Page - Advanced Micro Devices AM7945JC Datasheet HTML 14Page - Advanced Micro Devices AM7945JC Datasheet HTML 15Page - Advanced Micro Devices AM7945JC Datasheet HTML 16Page - Advanced Micro Devices AM7945JC Datasheet HTML 17Page - Advanced Micro Devices AM7945JC Datasheet HTML 18Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SLIC Products
17
PHYSICAL DIMENSION
PL032
REVISION SUMMARY
Revision A to B
Minor changes were made to the data sheet style and format to conform to AMD standards.
Revision B to Revision C
In the Pin Description table, inserted/changed TP pin description to: “Thermal pin. Connection for heat dissipa-
tion. Internally connected to substrate (QBAT). Leave as open circuit or connected to QBAT. In both cases, the
TP pins can connect to an area of copper on the board to enhance heat dissipation.”
Revision C to Revision D
Deleted information on the Ceramic DIP and Plastic DIP packages.
The PL032 package was added to the new Physical Dimension section.
Updated the Pin Description table to correct inconsistencies.
.050 REF.
.026
.032
TOP VIEW
Pin 1 I.D.
.485
.495
.447
.453
.585
.595
.547
.553
16-038FPO-5
PL 032
DA79
6-28-94 ae
SIDE VIEW
SEATING
PLANE
.125
.140
.009
.015
.080
.095
.042
.056
.013
.021
.400
REF.
.490
.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18