Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4712 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 32Page - Microchip Technology USB4712 Datasheet HTML 33Page - Microchip Technology USB4712 Datasheet HTML 34Page - Microchip Technology USB4712 Datasheet HTML 35Page - Microchip Technology USB4712 Datasheet HTML 36Page - Microchip Technology USB4712 Datasheet HTML 37Page - Microchip Technology USB4712 Datasheet HTML 38Page - Microchip Technology USB4712 Datasheet HTML 39Page - Microchip Technology USB4712 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
USB4712
DS00002774G-page 36
 2018-2021 Microchip Technology Inc.
FIGURE 10-1:
40-VQFN PACKAGE (DRAWING) (CONTINUED)
Microchip Technology Drawing C04-236A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.40 BSC
0.200 REF
0.35
0.15
0.80
0.00
0.20
0.40
0.90
0.02
5.00 BSC
MILLIMETERS
MIN
NOM
40
0.45
0.25
1.00
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
Exposed Pad Length
D
D2
3.40
5.00 BSC
3.50
3.60
3.40
3.50
3.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43