Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4712 Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Fiches technique(HTML) 34 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 30Page - Microchip Technology USB4712 Datasheet HTML 31Page - Microchip Technology USB4712 Datasheet HTML 32Page - Microchip Technology USB4712 Datasheet HTML 33Page - Microchip Technology USB4712 Datasheet HTML 34Page - Microchip Technology USB4712 Datasheet HTML 35Page - Microchip Technology USB4712 Datasheet HTML 36Page - Microchip Technology USB4712 Datasheet HTML 37Page - Microchip Technology USB4712 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
USB4712
DS00002774G-page 34
 2018-2021 Microchip Technology Inc.
10.0 PACKAGE INFORMATION
Note:
Package offerings are currently under review and are subject to change.
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
XX
FlexConnect special feature designator (if applicable)
i
Temperature range designator
V
Automotive
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
V
Plant of assembly
COO Country of origin
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
40-VQFN (5x5 mm)
PIN 1
U4712XXi
VRnnn e3
VCOO
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43