Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2641 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 7Page - Microchip Technology USB2641 Datasheet HTML 8Page - Microchip Technology USB2641 Datasheet HTML 9Page - Microchip Technology USB2641 Datasheet HTML 10Page - Microchip Technology USB2641 Datasheet HTML 11Page - Microchip Technology USB2641 Datasheet HTML 12Page - Microchip Technology USB2641 Datasheet HTML 13Page - Microchip Technology USB2641 Datasheet HTML 14Page - Microchip Technology USB2641 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 11
USB2640/USB2641
5.0
PIN TABLES
5.1
48-Pin Tables
TABLE 5-1:
USB2640 48-PIN TABLE
xD (Only in USB2640) / SECURE DIGITAL / MEMORY STICK INTERFACE (18 PINS)
xD_D3 /
SD_D1 /
MS_D5
xD_D2 /
SD_D0 /
MS_D4
xD_D1 /
SD_D7 /
MS_D6
xD_D0 /
SD_D6 /
MS_D7
xD_nWP /
SD_CLK /
MS_BS
xD_ALE /
SD_D5 /
MS_D1
xD_CLE /
SD_CMD /
MS_D0
xD_D7 /
SD_D4 /
MS_D2
xD_D6 /
SD_D3 /
MS_D3
xD_D5 /
SD_D2
xD_nRE
xD_nWE
xD_D4 /
SD_WP /
MS_SCLK
xD_nB/R
xD_nCE
MS_INS
xD_nCD
SD_nCD
USB INTERFACE (5 PINS)
USB+
USB-
XTAL1 (CLKIN)
XTAL2
RBIAS
2-PORT USB INTERFACE (7 PINS)
USBDN_DP2
USBDN_DM2
PRTCTL2
PRTCTL3
USBDN_DP3
USBDN_DM3
VBUS_DET
SPI INTERFACE (4 PINS)
SPI_CE_n
SPI_CLK /
SCL
SPI_DO /
SDA /
SPI_SPD_SEL
SPI_DI
MISC (4 PINS)
nRESET
TEST
LED /
TXD
NC
CRD_PWR
POWER AND GROUND (10 PINS)
(7) VDD33
CRFILT
PLLFILT
TOTAL 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60