Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2641 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 6Page - Microchip Technology USB2641 Datasheet HTML 7Page - Microchip Technology USB2641 Datasheet HTML 8Page - Microchip Technology USB2641 Datasheet HTML 9Page - Microchip Technology USB2641 Datasheet HTML 10Page - Microchip Technology USB2641 Datasheet HTML 11Page - Microchip Technology USB2641 Datasheet HTML 12Page - Microchip Technology USB2641 Datasheet HTML 13Page - Microchip Technology USB2641 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
USB2640/USB2641
DS00001947C-page 10
 2015-2021 Microchip Technology Inc.
FIGURE 4-2:
USB2641 48-PIN QFN
Ground Pad
(must be connected to VSS)
USB2641
(Top View QFN-48)
Indicates pins on the bottom of the device.
nRESET
38
VBUS_DET
39
LED
37
TEST
40
VDD33
41
USB-
43
XTAL2
44
XTAL1 (CLKIN)
45
RBIAS
48
VDD33
47
PLLFILT
46
USB+
42
21
SD_CLK / MS_BS
20
SD_D6 / MS_D7
19
SD_D7 / MS_D6
18
SD_D0 / MS_D4
17
CRFILT
16
SD_D1 / MS_D5
15
VDD33
14
SD_nCD
13
SD_WP / MS_SCLK
23
SD_D5 / MS_D1
22
NC
24
SD_CMD / MS_D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60