Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3AI75 Fiches technique(PDF) 10 Page - Integrated Circuit Systems

No de pièce 3AI75
Description  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3AI75 Fiches technique(HTML) 10 Page - Integrated Circuit Systems

Back Button 3AI75 Datasheet HTML 4Page - Integrated Circuit Systems 3AI75 Datasheet HTML 5Page - Integrated Circuit Systems 3AI75 Datasheet HTML 6Page - Integrated Circuit Systems 3AI75 Datasheet HTML 7Page - Integrated Circuit Systems 3AI75 Datasheet HTML 8Page - Integrated Circuit Systems 3AI75 Datasheet HTML 9Page - Integrated Circuit Systems 3AI75 Datasheet HTML 10Page - Integrated Circuit Systems 3AI75 Datasheet HTML 11Page - Integrated Circuit Systems 3AI75 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
843AG-106
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
10
Integrated
Circuit
Systems, Inc.
ICS843-106
106.25MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS843-106 is: 2376
TABLE 7A.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W
TABLE 7B.
θ
JA
VS
. AIR FLOW TABLE 8 LEAD SOIC
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com