Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3AI75 Fiches technique(PDF) 12 Page - Integrated Circuit Systems

No de pièce 3AI75
Description  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3AI75 Fiches technique(HTML) 12 Page - Integrated Circuit Systems

Back Button 3AI75 Datasheet HTML 4Page - Integrated Circuit Systems 3AI75 Datasheet HTML 5Page - Integrated Circuit Systems 3AI75 Datasheet HTML 6Page - Integrated Circuit Systems 3AI75 Datasheet HTML 7Page - Integrated Circuit Systems 3AI75 Datasheet HTML 8Page - Integrated Circuit Systems 3AI75 Datasheet HTML 9Page - Integrated Circuit Systems 3AI75 Datasheet HTML 10Page - Integrated Circuit Systems 3AI75 Datasheet HTML 11Page - Integrated Circuit Systems 3AI75 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
843AG-106
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
12
Integrated
Circuit
Systems, Inc.
ICS843-106
106.25MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
TABLE 9. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
The aforementioned trademark, HiPerClockS™ is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
6
0
1
-
G
A
3
4
8
S
C
I6
0
1
A
3P
O
S
S
T
d
a
e
l
8e
b
u
tC
°
0
7
o
t
C
°
0
T
6
0
1
-
G
A
3
4
8
S
C
I6
0
1
A
3P
O
S
S
T
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
6
0
1
-
G
A
3
4
8
S
C
ID
B
TP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
6
0
1
-
G
A
3
4
8
S
C
ID
B
TP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
6
0
1
-
M
A
3
4
8
S
C
ID
B
TC
I
O
S
d
a
e
l
8e
b
u
tC
°
0
7
o
t
C
°
0
T
6
0
1
-
M
A
3
4
8
S
C
ID
B
TC
I
O
S
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
6
0
1
-
M
A
3
4
8
S
C
ID
B
TC
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
6
0
1
-
M
A
3
4
8
S
C
ID
B
TC
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com