Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1531 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS1531
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1531 Fiches technique(HTML) 28 Page - ams AG

Back Button AS1531 Datasheet HTML 21Page - ams AG AS1531 Datasheet HTML 22Page - ams AG AS1531 Datasheet HTML 23Page - ams AG AS1531 Datasheet HTML 24Page - ams AG AS1531 Datasheet HTML 25Page - ams AG AS1531 Datasheet HTML 26Page - ams AG AS1531 Datasheet HTML 27Page - ams AG AS1531 Datasheet HTML 28Page - ams AG AS1531 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
28 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
11 Ordering Information
The devices are available as the standard products shown in Table 13.
Table 13. Ordering Information
Model
Description
Delivery Form
Package
AS1530-T
12-bit ADC, 8-channel, 400ksps
Tape and Reel
20-pin TSSOP
AS1530
12-bit ADC, 8-channel, 400ksps
Tubes
20-pin TSSOP
AS1531-T
12-bit ADC, 8-channel, 300ksps
Tape and Reel
20-pin TSSOP
AS1531
12-bit ADC, 8-channel, 300ksps
Tubes
20-pin TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29