Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1531 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS1531
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1531 Fiches technique(HTML) 11 Page - ams AG

Back Button AS1531 Datasheet HTML 7Page - ams AG AS1531 Datasheet HTML 8Page - ams AG AS1531 Datasheet HTML 9Page - ams AG AS1531 Datasheet HTML 10Page - ams AG AS1531 Datasheet HTML 11Page - ams AG AS1531 Datasheet HTML 12Page - ams AG AS1531 Datasheet HTML 13Page - ams AG AS1531 Datasheet HTML 14Page - ams AG AS1531 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
11 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
Figure 10. IVDD vs. VDD (Static)
Figure 11. IVDD vs. Temperature; Internal Reference
Figure 12. IVDD vs. VDD (Converting)
Figure 13. IVDD vs. Temperature (Static)
Figure 14. VREF vs. Temperature
Figure 15. Offset Error vs. VDD
2.5
2.75
3
3.25
3.5
3.75
4
-40
-15
10
35
60
85
Temperature (°C)
AS1530
AS1531
0
0.5
1
1.5
2
2.5
3
3.5
4
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Supply Voltage (V)
Internal Reference
External Reference
0
0.5
1
1.5
2
-40
-15
10
35
60
85
Temperature (°C)
AS1530, Reduced Power Mode, Internal Ref.
AS1531, Reduced Power Mode, Internal Ref.
AS1530, Reduced Power Mode, External Ref.
AS1531, Reduced Power Mode, External Ref.
0
0.5
1
1.5
2
2.5
3
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Supply Voltage (V)
Normal Operation; Internal Reference
Reduced Power Mode; Internal Reference
Reduced Power Mode; External Reference
2.49
2.495
2.5
2.505
2.51
-40
-15
10
35
60
85
Temperature (°C)
-1.8
-1.6
-1.4
-1.2
-1
2.7
3.4
4.1
4.8
5.5
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29