| Moteur de recherche de fiches techniques de composants électroniques |
|
AFSC5G35E38T2 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AFSC5G35E38T2 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 16 page ![]() AFSC5G35E38 7 RF Device Data NXP Semiconductors Figure 2. AFSC5G35E38 Reference Circuit Component Layout N.C. VDP RFIN VGP2 VGP1 VGC1 VGC2 RFOUT VDC N.C. R1 B1 C3 C6 C15 C16 C17 B2 C13 R4 R5 R6 R7 R8 C10 C14 C1 C4 D98121 Rev. 3.0 aaa--030694 Q1 Table 8. AFSC5G35E38 Reference Circuit Component Designations and Values Part Description Part Number Manufacturer B1, B2 30 Ferrite Bead BLM15PD300SN1 Murata C1, C14 10 F Chip Capacitor CL31A106KBHNNNE Samsung C3, C4, C10, C13 1 F Chip Capacitor 06035D105KAT2A AVX C6, C15, C16, C17 0.1 F Chip Capacitor GRM155R61H104KE14 Murata Q1 Power Amplifier Module AFSC5G35E38 NXP R1, R4 5.1 , 1/10 W Chip Resistor ERJ-2GEJ5R1X Panasonic R5, R6, R7, R8 2.2 k, 1/20 W Chip Resistor ERJ-1GNJ222C Panasonic PCB Rogers RO4350B, 0.020, r =3.66 D98121 MTL Note: Component numbers C2, C5, C7, C8, C9, C11, C12, R2 and R3 are intentionally omitted. |