| Moteur de recherche de fiches techniques de composants électroniques |
|
ECE1200 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ECE1200 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 87 page ![]() 2018-2021 Microchip Technology Inc. DS00003093C Draft-page 13 ECE1200 2.4 Package 2.4.1 40-PIN VQFN PACKAGE OUTLINE Note: For the most current package drawings, see the Microchip Packaging Specification at http://www.micro- chip.com/packaging. B A 0.10 C 0.10 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-496 Rev A Sheet 1 of 2 2X 40X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 40-Lead Very Thin Plastic Quad Flat, No Lead Package (LDX) - 5x5 mm Body [VQFN] With 2.7x2.7 mm Exposed Pad © 2018 Microchip Technology Inc. D E D2 E2 (K) L e 40X b e 2 1 2 N A1 (A3) A |