Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECE1200 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 8Page - Microchip Technology ECE1200 Datasheet HTML 9Page - Microchip Technology ECE1200 Datasheet HTML 10Page - Microchip Technology ECE1200 Datasheet HTML 11Page - Microchip Technology ECE1200 Datasheet HTML 12Page - Microchip Technology ECE1200 Datasheet HTML 13Page - Microchip Technology ECE1200 Datasheet HTML 14Page - Microchip Technology ECE1200 Datasheet HTML 15Page - Microchip Technology ECE1200 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
ECE1200
DS00003093C Draft-page 12
 2018-2021 Microchip Technology Inc.
2.3
Strapping Options
2.3.1
TEST PIN
The pin named TEST must be kept permanently low in normal operation. It may be pulled high only for test purposes,
and when high it redefines all pin functions. See Section 7.0, "Test Mechanisms," on page 58.
2.3.2
ESPI_STRAP_0, ESPI_STRAP_1 PINS
These pins should remain open (N/C) except for test purposes. They are included as inputs to the XNOR Chain test
mode.
2.3.3
BOOT_DONE PIN
This pin defines whether the eSPI role of the ECE1200 is as a Primary Slave or a Secondary Slave. It may be strapped
in the system, or it may be dynamically changed (once) in the power-on sequence.
The state of BOOT_DONE selects the multiplexed output function of pin SUSPWRDNACK / HOST_RST_ACK:
• BOOT_DONE=1: SUSPWRDNACK
• BOOT_DONE=0: HOST_RST_ACK
See Section 5.5.2, "BOOT_DONE," on page 27 for details of its usage. See also the figures in Section 1.1, "System
Block Diagrams," on page 5 for connection examples and notes for application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87