Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24CSW04X Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Fiches technique(HTML) 15 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 11Page - Microchip Technology AT24CSW04X Datasheet HTML 12Page - Microchip Technology AT24CSW04X Datasheet HTML 13Page - Microchip Technology AT24CSW04X Datasheet HTML 14Page - Microchip Technology AT24CSW04X Datasheet HTML 15Page - Microchip Technology AT24CSW04X Datasheet HTML 16Page - Microchip Technology AT24CSW04X Datasheet HTML 17Page - Microchip Technology AT24CSW04X Datasheet HTML 18Page - Microchip Technology AT24CSW04X Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Figure 5-2. Software Reset
SCL
9
Device is
8
3
2
1
SDA
Dummy Clock Cycles
SDA Released
Software Reset
by EEPROM
In the event that the device is still non-responsive or remains active on the SDA bus, a power cycle must be used to
reset the device (see Power-Up Requirements and Reset Behavior).
AT24CSW04X/AT24CSW08X
Device Operation and Communication
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43