Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24CSW04X Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Fiches technique(HTML) 4 Page - Microchip Technology

  AT24CSW04X Datasheet HTML 1Page - Microchip Technology AT24CSW04X Datasheet HTML 2Page - Microchip Technology AT24CSW04X Datasheet HTML 3Page - Microchip Technology AT24CSW04X Datasheet HTML 4Page - Microchip Technology AT24CSW04X Datasheet HTML 5Page - Microchip Technology AT24CSW04X Datasheet HTML 6Page - Microchip Technology AT24CSW04X Datasheet HTML 7Page - Microchip Technology AT24CSW04X Datasheet HTML 8Page - Microchip Technology AT24CSW04X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
1.
Package Types (not to scale)
Vcc
SCL
4-Ball WLCSP
(Top View)
GND
SDA
A1
A2
B1
B2
5-Lead SOT23
(Top View)
SCL
1
2
3
5
4
GND
SDA
WP
Vcc
AT24CSW04X/AT24CSW08X
Package Types (not to scale)
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43