| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6624P0LP Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 100 page ![]() VS6624 Register map Rev 1 51/100 0x0387(MSB) 0x0388(LSB) uwManualVSize0 # Default value 0x00 Purpose if ImageSize_Manual selected, input required manual V size Type UINT16 0x038b(MSB) 0x038c(LSB) uwZoomStepHSize0 Default value 0x01 Purpose Set the zoom H step Type UINT16 0x038f(MSB) 0x0390(LSB) uwZoomStepVSize0 Default value 0x01 Purpose Set the zoom V step Type UINT16 0x0392 bZoomControl0 Default value <0> ZoomStop Purpose control zoom in, zoom out and zoom stop Type C Possible values <0> ZoomStop <1> ZoomStart_In <2> ZoomStart_Out 0x0395(MSB) 0x0396(LSB) uwPanSteplHSize0 Default value 0x00 Purpose Set the pan H step Type UINT16 0x0399(MSB) 0x039a(LSB) uwPanStepVSize0 Default value 0x00 Purpose Set the PanV step Type UINT16 Table 13. Pipe setup bank0 Index PipeSetupBank0(1) |