Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6624P0LP Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 52Page - STMicroelectronics VS6624P0LP Datasheet HTML 53Page - STMicroelectronics VS6624P0LP Datasheet HTML 54Page - STMicroelectronics VS6624P0LP Datasheet HTML 55Page - STMicroelectronics VS6624P0LP Datasheet HTML 56Page - STMicroelectronics VS6624P0LP Datasheet HTML 57Page - STMicroelectronics VS6624P0LP Datasheet HTML 58Page - STMicroelectronics VS6624P0LP Datasheet HTML 59Page - STMicroelectronics VS6624P0LP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Register map
VS6624
56/100
Rev 1
0x0412
bZoomControl1
Default value
<0> ZoomStop
Purpose
control zoom in, zoom out, zoom stop
Type
CODED
Possible values
<0> ZoomStop
<1> ZoomStart_In
<2> ZoomStart_Out
0x0415(MSB)
0x0416(LSB)
uwPanSteplHSize1
Default value
0x00
Purpose
Set the pan H step
Type
UINT16
0x0419(MSB)
0x041a(LSB)
uwPanStepVSize1
Default value
0x00
Purpose
Set the PanV step
Type
UINT16
0x041c
bPanControl1
Default value
<0> Pan_Disable
Purpose
control pandisable, pan right, pan left, pan up, pan down
Type
C
Possible values
<0> Pan_Disable
<1> Pan_Right
<2> Pan_Left
<3> Pan_Down
<4> Pan_Up
0x041e
bCropControl1
Default value
<1> Crop_auto
Purpose
Select cropping manual or auto
Type
C
Possible values
<0> Crop_manual
<1> Crop_auto
0x0421(MSB)
0x0422(LSB)
uwManualCropHorizontalStart1
Default value
0x00
Purpose
Set the cropping H start address
Type
UINT16
Table 14.
Pipe setup bank1
Index
PipeSetupBank1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100