Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB02EQR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STUSB02EQR
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02EQR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STUSB02EQR Datasheet HTML 12Page - STMicroelectronics STUSB02EQR Datasheet HTML 13Page - STMicroelectronics STUSB02EQR Datasheet HTML 14Page - STMicroelectronics STUSB02EQR Datasheet HTML 15Page - STMicroelectronics STUSB02EQR Datasheet HTML 16Page - STMicroelectronics STUSB02EQR Datasheet HTML 17Page - STMicroelectronics STUSB02EQR Datasheet HTML 18Page - STMicroelectronics STUSB02EQR Datasheet HTML 19Page - STMicroelectronics STUSB02EQR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
8 Package Mechanical Data
STUSB02E
16/20
8
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20