Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB02EQR Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STUSB02EQR
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02EQR Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STUSB02EQR Datasheet HTML 3Page - STMicroelectronics STUSB02EQR Datasheet HTML 4Page - STMicroelectronics STUSB02EQR Datasheet HTML 5Page - STMicroelectronics STUSB02EQR Datasheet HTML 6Page - STMicroelectronics STUSB02EQR Datasheet HTML 7Page - STMicroelectronics STUSB02EQR Datasheet HTML 8Page - STMicroelectronics STUSB02EQR Datasheet HTML 9Page - STMicroelectronics STUSB02EQR Datasheet HTML 10Page - STMicroelectronics STUSB02EQR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STUSB02E
4 Electrical Characteristics
7/20
Table 7.
DC Electrical Characteristics (System and USB Interface)
(VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C)
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. Specification applies to the following pins: SUS, SPD, RCV, CON, VP, VM, OE#, VBUSDET.
Note 5. Characterized specification(s), but not production tested.
Note 6. All AC parameters guaranteed by design but not production tested.
Note 7. RCV = NO LOADED
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBUS
USB Supply Voltage
4
5.5
V
VIF
System I/F Supply Voltage
1.6
3.6
V
VIL
Low Level Input Voltage (Note 4)
0.15VIF
V
VIH
High Level Input Voltage
(Note 4)
0.85VIF
V
VOL
Low Level Output Voltage
(Note 4)
IOL = 20µA
0.1
V
VOH
High Level Output Voltage
(Note 4)
IOH = 20µA
0.9VIF
V
IIL
Input Leakage Current (Note 4)
-5
5
µA
IIF
VIF Supply Current (Note 7)
D+, D- are idle, OE# = SUS = 0
5
µA
D+, D- active, CLOAD = 50pF,
SPD = 1, f = 6MHz, (Note 5)
450
D+, D- active, CLOAD = 50pF,
SPD = 0, f = 750KHz, (Note 5)
50
IBUS
VBUS Supply Current
D+, D- are idle, VBUS = 5.25V
Suspend Mode (SUS = 1)
70
150
µA
D+, D- are idle, VBUS = 5.25V
SPD = 1, OE# = SUS = 0
3.0
mA
D+, D- are idle, VBUS = 5.25V
OE# = SUS = SPD = 0
300
µA
D+, D- are idle, VBUS = 5.25V
OE# = 1, SUS = SPD = 0
150
D+, D- active, VBUS = 5.25V
CLOAD = 50pF, SPD = 1, f = 6 MHz
OE# = SUS = 0 (Note 5)
7.3
mA
D+, D- active, VBUS = 5.25V
CLOAD = 600pF, f = 750 KHz,
OE# = SUS = SPD = 0 (Note 5)
3.6
IVPULEAK VPU Leakage Current
CON = 1, VPU = 0V
-5
5
µA
IVIFLEAK VIF Leakage Current
VIF = 3.6V, VBUS = 0V
-5
5
µA
VPU
Pull-Up Output Voltage
ITERM = 200µA, VBUS = 4 to 5.25V
3.3
V
RSW
VPU Internal Switch Resistance ITERM = 10mA, VBUS = 4 to 5.25V
9W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20