| Moteur de recherche de fiches techniques de composants électroniques |
|
SC110-10-R/3 Fiches technique(PDF) 10 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC110-10-R/3 Fiches technique(HTML) 10 Page - M-System Co.,Ltd. |
|
10 / 12 page ![]() MODEL: SC110 SC110 SPECIFICATIONS ES-6339 Rev.17 Page 10/12 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. Sensor Excitation Input Circuit A/D Converter A/D Converter A/D Converter Discrete Input Circuit Display / Setting Output Driver Output Driver Output Driver Isolation Output Driver Isolation Output Driver Isolation Isolation Isolation Isolation Isolation Isolation Digital Computation Isolation Control Module Backup Module 34 35 36 37 38 39 31 33 32 42 A1 B1 C1 44 43 45 47 46 A2 B2 C2 48 49 50 51 52 + + + + – + + + + + – Di 1 / Pi 1 Di 2 / Pi 2 Di 4 / Pi 4 Di 3 / Pi 3 Di 5 / Pi 5 Di 6 / Pi 6 Pv 1 UNIVERSAL INPUT Pv 2 UNIVERSAL INPUT Ai 1 Ai 2 Ai 3 Ai 4 SENSOR EXC INPUT COM 16 17 18 19 20 21 22 23 24 25 10 11 3 + 4 – + – + + U(+) V(–) FG – 5 6 7 8 9 12 13 26 2 1 28 41 40 27 14 15 Do 1 Do 2 Do 3 Do 4 Do 5 POWER Ao 2 Ao 1 Mv 1 Do 6 RUN CONTACT Digital Computation Output Switch Backup Module Power Circuit OPERATION BUTTONS ■ BACKUP MODULE POWER SUPPLY: SINGLE SUPPLY MV SETTING INDICATORS PC CONFIGURATOR/ BUILDER SOFTWARE Infrared Port / Jack *2. Connect input resistor module (model: REM4) for current input. *3. Connect CJC sensor for thermocouple input. *4. Connect input resistor module (model: REM4). ■ UNIVERSAL INPUT CONNECTION E.G. A B B RTD A B A B C A B C A B C A B C T/C CJC SENSOR C 3 2 1 POTENTIOMETER max. min. *2 *3 *4 R A B C A B C R 29 30 2-Wire XMTR + – + – + – + – + – VOLT / CURRENT INPUT + ■ DISCRETE INPUT PULSE INPUT CONNECTION E.G.: – Dry contact +12V Excitation Supply Isolation 29 30 + – 2-WIRE TRANSMITTER 1 or 2kΩ *1. Backup is applicable to Mv 2 only. Mv 2B is output of the backup module. Mv 2, Mv 2B * 1 |