| Moteur de recherche de fiches techniques de composants électroniques |
|
SC110-10-R/3 Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC110-10-R/3 Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 12 page ![]() MODEL: SC110 SC110 SPECIFICATIONS ES-6339 Rev.17 Page 5/12 http://www.m-system.co.jp/ Do1 to Do2 or Do3 or Do4 or Do5 or Do6 to power to backup module power to FG) 500 V AC @ 1 minute (Pv2 to Ai1 or Ai2 or Ai3 or Ai4) 500 V AC @ 1 minute (Mv2 or Mv2B to Ao1 or Ao2) 500 V AC @ 1 minute (Do2 to Do3 to Do4 to Do5 to Do6) 500 V AC @ 1 minute (Pv1 to supply output) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (contact output) Installation Category II (power) Pollution degree 2 Input or output to contact output – Basic insulation (300 V) Input or output to power - Reinforced insulation (300 V) RoHS Directive EN 50581 Protection against access to the terminal blocks: Finger protection (VDE 0660-514) |