Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHDM1001A Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Fiches technique(HTML) 3 Page - STMicroelectronics

  STHDM1001A Datasheet HTML 1Page - STMicroelectronics STHDM1001A Datasheet HTML 2Page - STMicroelectronics STHDM1001A Datasheet HTML 3Page - STMicroelectronics STHDM1001A Datasheet HTML 4Page - STMicroelectronics STHDM1001A Datasheet HTML 5Page - STMicroelectronics STHDM1001A Datasheet HTML 6Page - STMicroelectronics STHDM1001A Datasheet HTML 7Page - STMicroelectronics STHDM1001A Datasheet HTML 8Page - STMicroelectronics STHDM1001A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STHDMI001A
1 Summary Description
3/17
1
Summary Description
1.1
Functional Description
The STHDMI001A routes physical layer signals for high bandwidth digital video and is
compatible with low voltage differential signaling standards like Transition Minimized
Differential Signaling (TMDS). The device multiplexes differential outputs from a video source
to one of the two corresponding outputs, then to a common display. The low ON resistance
(RON) and low I/O capacitance of the STHDMI001A result in a very small propagation delay.
The device integrates SPDT-type switches for 3 differential data TMDS channels and 1
differential clock channel.
Figure 1.
Connections Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17