Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHDM1001A Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STHDM1001A Datasheet HTML 9Page - STMicroelectronics STHDM1001A Datasheet HTML 10Page - STMicroelectronics STHDM1001A Datasheet HTML 11Page - STMicroelectronics STHDM1001A Datasheet HTML 12Page - STMicroelectronics STHDM1001A Datasheet HTML 13Page - STMicroelectronics STHDM1001A Datasheet HTML 14Page - STMicroelectronics STHDM1001A Datasheet HTML 15Page - STMicroelectronics STHDM1001A Datasheet HTML 16Page - STMicroelectronics STHDM1001A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STHDMI001A
5 ESD Performance
13/17
5
ESD Performance
Table 10.
ESD Performance
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
IEC-61000-4-2 (A0+ to A2+,
A0- to A2-, AClock+,
AClock-, B0+ to B2+, B0- to
B2-, BClock+, BClock-)
Air Discharge (10 pulses)
±4
kV
Contact Discharge
(10 pulses)
±4
kV
IEC-61000-4-2 (other pins)
Air Discharge (10 pulses)
±2
kV
Contact Discharge
(10 pulses)
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17