Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1735B Fiches technique(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1735B
Description  SAW Filter 867.5 MHz SMD 2.0횞1.6 mm (BW=15 MHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1735B Fiches technique(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1735B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1735B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 867.5 MHz SMD 2.0×1.6 mm (BW=15 MHz)
TST Part No.: TA1735B
Customer Part No.:
Checked by:
David Chang
Approved by:
Andy Yu
Date:
2019/02/21
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Numéro de pièce similaire - TA1735B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1735A TAI-SAW-TA1735A Datasheet
295Kb / 8P
SAW Filter 867.5 MHz
More results

Description similaire - TA1735B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TA1735A TAI-SAW-TA1735A Datasheet
295Kb / 8P
SAW Filter 867.5 MHz
TA2352A TAI-SAW-TA2352A Datasheet
487Kb / 7P
SAW Filter 1254.15 MHz SMD 2.0횞1.6 mm (BW=68.7 MHz)
TA2468A TAI-SAW-TA2468A Datasheet
586Kb / 7P
SAW Filter 1638 MHz SMD 2.0횞1.6 mm (BW=24 MHz)
TA2469A TAI-SAW-TA2469A Datasheet
561Kb / 7P
SAW Filter 1662.5 MHz SMD 2.0횞1.6 mm (BW=25 MHz)
TA2476A TAI-SAW-TA2476A Datasheet
787Kb / 7P
SAW Filter 866.5 MHz SMD 2.0횞1.6 mm (BW=7 MHz)
TA2498A TAI-SAW-TA2498A Datasheet
555Kb / 6P
SAW Filter 918.5 MHz SMD 2.0횞1.6 mm (BW=7 MHz)
TA2499A TAI-SAW-TA2499A Datasheet
492Kb / 6P
SAW Filter 1176 MHz SMD 2.0횞1.6 mm (BW=40 MHz)
TA2554A TAI-SAW-TA2554A Datasheet
601Kb / 7P
SAW Filter 875 MHz SMD 2.0횞1.6 mm (BW=10 MHz)
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com