| Moteur de recherche de fiches techniques de composants électroniques |
|
HSB285S Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HSB285S Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.1.00, Apr.16.2003, page 1 of 5 HSB285S Silicon Schottky Barrier Diode for High frequency detection REJ03G0010-0100Z Rev.1.00 Apr,16.2003 Features • Low forward voltage, Low capacitance and High detection sensitivity. • HSB285S which is interconnected in series configuration. is designed for voltage doubler use. • CMPAK package is suitable for high density surface mounting and high speed assembly. Ordering Information Type No. Laser Mark Package Code HSB285S S3 CMPAK Pin Arrangement 1. Cathode 2 2. Anode 1 3. Cathode 1 Anode 2 (Top View) 21 3 |
Numéro de pièce similaire - HSB285S |
|
Description similaire - HSB285S |