Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSD1614DN Fiches technique(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSD1614DN
Description  Battery protection Load switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD1614DN Fiches technique(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD1614DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
Product Summery
The WSD1614DN uses advanced trench technology
to provide excellent RDS(ON), low gate charge
and operation with gate voltages as low as 1.8V.
This device is suitable for use as a Battery
Application
protection or in other Switching application.
Battery protection
Load switch
DFN1.0X0.6-3L Pin Configuration
Features
High power and current handing capability
Lead free product is acquired
Surface mount package
ESD:1.5KV
Absolute Maximum Ratings @TA=25℃ unless otherwise noted
Symbol
Ratin
Unit
VDS
20
V
VGS
±8
V
TA=25°C
1.4
A
TA=70°C
1.1
A
IDM
3A
PD
Power Dissipation
TC=25°C
0.55
W
TJ/TSTG
-55~150
Thermal Resistance Ratings
Symbol
Max
Unit
RthJA
Maximum Junction-to-Ambient
Steady-State
180
°C/W
ID
Drain Current (Continuous) *AC
Drain Current (Pulse) *B
Operating Temperature/ Storage Temperature
Parameter
Parameter
Drain-Source Voltage
Gate-Source Voltage
N-Ch MOSFET
Page 1
www.winsok.tw
Rev1.0 Jan.2021
WSD1614DN
BVDSS
RDSON
ID
20V
230mΩ
1.4A


Numéro de pièce similaire - WSD1614DN

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSD100N06GDN56 WIINSOK-WSD100N06GDN56 Datasheet
2Mb / 5P
Secondary Side Synchronous Rectification
logo
Weitron Technology
WSD1030CT WEITRON-WSD1030CT Datasheet
517Kb / 3P
D-PAK Surface Mount Schottky Barrier Rectifiers
WSD1035CT WEITRON-WSD1035CT Datasheet
517Kb / 3P
D-PAK Surface Mount Schottky Barrier Rectifiers
WSD1040CT WEITRON-WSD1040CT Datasheet
273Kb / 3P
D-PAK Surface Mount Schottky Barrier Rectifiers
WSD1040CT WEITRON-WSD1040CT Datasheet
517Kb / 3P
D-PAK Surface Mount Schottky Barrier Rectifiers
More results

Description similaire - WSD1614DN

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
Battery Protection Switch
IRLH6224PBF IRF-IRLH6224PBF Datasheet
256Kb / 9P
Battery Protection Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
Load switch for battery application
logo
Shenzhen Guan Hua Wei Y...
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
Load switch. Battery protection.
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
Battery protection, Load switch
WSD4080DN56 WIINSOK-WSD4080DN56 Datasheet
1Mb / 5P
Battery protection Load switch
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
Battery protection Load switch
WSD3075DN56 WIINSOK-WSD3075DN56 Datasheet
2Mb / 5P
Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
Battery protection Load switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com