| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4255ACPZ-R7 Fiches technique(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4255ACPZ-R7 Fiches technique(HTML) 47 Page - Analog Devices |
|
47 / 64 page ![]() Data Sheet ADA4255 REGISTER DETAILS analog.com Rev. 0 | 47 of 64 SOFTWARE RESET REGISTER (RESET) DETAILS Table 13. Reset Register Details (Register 0x01) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name Reserved RST Access Reserved W Reset Reserved 0 Bit 0, RST—Soft Reset A soft reset can be initiated by setting the RST bit to 1. A soft reset clears all internal registers and sets them to their default values. The RST bit is self clearing. The RST bit performs the same operation as a power-on reset (POR) and a start-up calibration occurs. |