| Moteur de recherche de fiches techniques de composants électroniques |
|
MICRF620TR Fiches technique(PDF) 3 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF620TR Fiches technique(HTML) 3 Page - Micrel Semiconductor |
|
3 / 18 page ![]() Micrel, Inc. MICRF620 December 2005 3 M9999-120205 VCO Bias RSSI DataIXO DataClk LDout ANT Sallen-key Sallen-key Main filter Main filter DIV 2 LO-Buffer Frequency Synthesiser RSSI XCO CS IO SCLK RadioWire ® RF Module Selection Guide Device Frequency Range Data Rate Receive Supply Voltage Transmit Modulation Type Package MICRF600 902-928 MHz <20 kbps 13.5 mA 2.0-2.5 v 28 mA FSK 11.5x14.1 mm MICRF610 868-870 MHz <15 kbps 13.5 mA 2.0-2.5 v 26 mA FSK 11.5x14.1 mm MICRF620 410-450 MHz <20 kbps 12.0 mA 2.0-2.5 v 23 mA FSK 11.5x14.1 mm RFB433B 430-440 MHz 19.2 kbaud 8 mA 2.5-3.4 V 42 mA FSK 1”x1” RFB868B 868-870 MHz 19.2 kbaud 10 mA 2.5-3.4 V 50 mA FSK 1”x1” RFB915B 902-928 MHz 19.2 kbaud 10 mA 2.5-3.4 V 50 mA FSK 1”x1” Ordering Information Part Number Junction Temp. Range (1) Package MICRF620 TR –20° to +75°C 11.5 x 14.1mm Block Diagram MICRF620 |