| Moteur de recherche de fiches techniques de composants électroniques |
|
MICRF620TR Fiches technique(PDF) 5 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF620TR Fiches technique(HTML) 5 Page - Micrel Semiconductor |
|
5 / 18 page ![]() Micrel, Inc. MICRF620 December 2005 5 M9999-120205 Absolute Maximum Ratings (1) Supply Voltage (VDD)...................................................+2.8V Voltage on any pin (GND = 0V). ..................... -0.3V to 2.8V Lead Temperature (soldering, 5 sec.)......................+225°C Storage Temperature (Ts) ............................-30°C to +85°C ESD Rating (3)..................................................................2kV Operating Ratings (2) Supply voltage (VIN) ..................................+2.0V to +2.5V RF Frequencies.................................410MHz to 450MHz Data Rate (NRZ) ................................................ <20 kbps Ambient Temperature (TA) .......................–20°C to +75°C Electrical Characteristics fRF = 434MHz, Data rate = 20kbps, VDD = 2.5V; TA = 25°C, bold values indicate –20°C< TA < +75°C, unless noted. Parameter Condition Min Typ Max Units Power Supply 2.0 2.5 V Power Down Current 0.3 µA Standby Current 280 µA VCO and PLL Section Tunable with on-chip cap bank 16 MHz Crystal Oscillator Frequency Tuning range -30 +40 ppm Crystal Initial Tolerance -10 +10 ppm Crystal Temperature Tolerance -10 +10 ppm Rx 433.4MHz – Rx 434MHz 300 µs Rx – Tx, same frequency, measured @ frequency offset < 10kHz 200 µs Tx – Rx, same frequency, time to good data 350 µs Standby – Rx, 1.1 ms Switch Time Standby – Tx 1.1 ms Crystal Oscillator Start-Up Time XCO_tune=13 750 µs Transmit Section RLOAD = 50Ω, Pa2_0: 111 10 dBm Output Power RLOAD = 50Ω, Pa2_0: 001 -8 dBm Over temperature range 3 dB Output Power Tolerance Over power supply range 3 dB RLOAD = 50Ω, PA2_0: 111 23 mA Tx Current Consumption RLOAD = 50Ω, PA2_0: 001 10 mA Tx Current Consumption Variation RLOAD = 50Ω, PA2_0: 111 2.5 mA Binary FSK Frequency Separation (5) Limited by receiver BW 20 400 kHz Data Rate NRZ 0 20 kbps Occupied bandwidth 19.2kbps, β = 9 (±85kHz), -36dBm (RBW=10kHz) kHz Harmonics 434 -36 dBm Spurious Emission in Restricted bands < 1GHz -54 dBm Spurious Emission < 1GHz -36 dBm Spurious Emission > 1GHz ETSI EN300 220 -30 dBm |