Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6548 Fiches technique(PDF) 80 Page - Texas Instruments

No de pièce AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Fiches technique(HTML) 80 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 76Page - Texas Instruments AM6548_V02 Datasheet HTML 77Page - Texas Instruments AM6548_V02 Datasheet HTML 78Page - Texas Instruments AM6548_V02 Datasheet HTML 79Page - Texas Instruments AM6548_V02 Datasheet HTML 80Page - Texas Instruments AM6548_V02 Datasheet HTML 81Page - Texas Instruments AM6548_V02 Datasheet HTML 82Page - Texas Instruments AM6548_V02 Datasheet HTML 83Page - Texas Instruments AM6548_V02 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 282 page
background image
Table 6-28. HYPERBUS0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_HYPERBUS0_RESETn
Hyperbus Reset (active low) Output
O
R5
MCU_HYPERBUS0_RESETOn
Hyperbus Reset Status Indicator (active low) from
Hyperbus Memory
I
R1
MCU_HYPERBUS0_RWDS
Hyperbus Read-Write Data Strobe
IO
U2
MCU_HYPERBUS0_WPn
Hyperbus Write Protect (Not in use)
O
N3
MCU_HYPERBUS0_CSn0
Hyperbus Chip Select 0
O
R4
MCU_HYPERBUS0_CSn1
Hyperbus Chip Select 1
O
N3
MCU_HYPERBUS0_DQ0
Hyperbus Data 0
IO
U4
MCU_HYPERBUS0_DQ1
Hyperbus Data 1
IO
U5
MCU_HYPERBUS0_DQ2
Hyperbus Data 2
IO
T2
MCU_HYPERBUS0_DQ3
Hyperbus Data 3
IO
T3
MCU_HYPERBUS0_DQ4
Hyperbus Data 4
IO
T4
MCU_HYPERBUS0_DQ5
Hyperbus Data 5
IO
T5
MCU_HYPERBUS0_DQ6
Hyperbus Data 6
IO
R2
MCU_HYPERBUS0_DQ7
Hyperbus Data 7
IO
R3
6.3.13 I2C
6.3.13.1 MAIN Domain
Table 6-29. I2C0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C0_SCL
I2C Clock
IOD
D20
I2C0_SDA
I2C Data
IOD
C21
Table 6-30. I2C1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C1_SCL
I2C Clock
IOD
B21
I2C1_SDA
I2C Data
IOD
E21
Table 6-31. I2C2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C2_SCL
I2C Clock
IOD
T27
I2C2_SDA
I2C Data
IOD
R25
Table 6-32. I2C3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
I2C3_SCL
I2C Clock
IOD
AF13
I2C3_SDA
I2C Data
IOD
AG12
6.3.13.2 MCU Domain
Table 6-33. I2C0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_I2C0_SCL
I2C Clock
IOD
AD8
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
80
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More