Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6548 Fiches technique(PDF) 67 Page - Texas Instruments

No de pièce AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Fiches technique(HTML) 67 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 63Page - Texas Instruments AM6548_V02 Datasheet HTML 64Page - Texas Instruments AM6548_V02 Datasheet HTML 65Page - Texas Instruments AM6548_V02 Datasheet HTML 66Page - Texas Instruments AM6548_V02 Datasheet HTML 67Page - Texas Instruments AM6548_V02 Datasheet HTML 68Page - Texas Instruments AM6548_V02 Datasheet HTML 69Page - Texas Instruments AM6548_V02 Datasheet HTML 70Page - Texas Instruments AM6548_V02 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 282 page
background image
Table 6-9. DDRSS Signal Mapping (continued)
SIGNAL NAME [1]
MEMORY TYPE
PIN
TYPE[3]
BALL[4]
DDR3L(2)
DDR4(1) (2)
LPDDR4(1)
DDR_CK0N
CK0_n
CK0_c
CK_c_A
IO
B8
DDR_CK1P
CK1
CK1_t
CK_t_B
IO
A7
DDR_CK1N
CK1_n
CK1_c
CK_c_B
IO
B7
DDR_DQ0
DQ0
DQ0
DQ0
IO
A3
DDR_DQ1
DQ1
DQ1
DQ1
IO
B2
DDR_DQ2
DQ2
DQ2
DQ2
IO
C2
DDR_DQ3
DQ3
DQ3
DQ3
IO
D2
DDR_DQ4
DQ4
DQ4
DQ4
IO
E2
DDR_DQ5
DQ5
DQ5
DQ5
IO
G1
DDR_DQ6
DQ6
DQ6
DQ6
IO
F2
DDR_DQ7
DQ7
DQ7
DQ7
IO
F1
DDR_DM0
DM0
DM0_n
DMI0
IO
E1
DDR_DQ8
DQ8
DQ8
DQ8
IO
E3
DDR_DQ9
DQ9
DQ9
DQ9
IO
C3
DDR_DQ10
DQ10
DQ10
DQ10
IO
D3
DDR_DQ11
DQ11
DQ11
DQ11
IO
B3
DDR_DQ12
DQ12
DQ12
DQ12
IO
D4
DDR_DQ13
DQ13
DQ13
DQ13
IO
C4
DDR_DQ14
DQ14
DQ14
DQ14
IO
B4
DDR_DQ15
DQ15
DQ15
DQ15
IO
B5
DDR_DM1
DM1
DM1_n
DMI1
IO
C5
DDR_DQ16
DQ16
DQ16
DQ16
IO
E13
DDR_DQ17
DQ17
DQ17
DQ17
IO
C14
DDR_DQ18
DQ18
DQ18
DQ18
IO
B14
DDR_DQ19
DQ19
DQ19
DQ19
IO
A14
DDR_DQ20
DQ20
DQ20
DQ20
IO
E14
DDR_DQ21
DQ21
DQ21
DQ21
IO
B13
DDR_DQ22
DQ22
DQ22
DQ22
IO
C13
DDR_DQ23
DQ23
DQ23
DQ23
IO
D13
DDR_DM2
DM2
DM2_n
DMI2
IO
D14
DDR_DQ24
DQ24
DQ24
DQ24
IO
D15
DDR_DQ25
DQ25
DQ25
DQ25
IO
C15
DDR_DQ26
DQ26
DQ26
DQ26
IO
E16
DDR_DQ27
DQ27
DQ27
DQ27
IO
E15
DDR_DQ28
DQ28
DQ28
DQ28
IO
D16
DDR_DQ29
DQ29
DQ29
DQ29
IO
B16
DDR_DQ30
DQ30
DQ30
DQ30
IO
C16
DDR_DQ31
DQ31
DQ31
DQ31
IO
A17
DDR_DM3
DM3
DM3_n
DMI3
IO
B17
DDR_ECC_D0
DQ32
DQ32
DQ32
IO
B19
DDR_ECC_D1
DQ33
DQ33
DQ33
IO
B18
DDR_ECC_D2
DQ34
DQ34
DQ34
IO
C18
DDR_ECC_D3
DQ35
DQ35
DQ35
IO
D18
DDR_ECC_D4
DQ36
DQ36
DQ36
IO
E18
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More