| Moteur de recherche de fiches techniques de composants électroniques |
|
R1M-GH2T-R Fiches technique(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1M-GH2T-R Fiches technique(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 9 page ![]() MODEL: R1M-GH R1M-GH SPECIFICATIONS ES-5657 Rev.16 Page 7/9 https://www.m-system.co.jp/ ■ INPUT REGISTERS DESCRIPTION (1) ANALOG INPUT IN % (30001 to 30016; 30001 to 30008 for J3) Indicates analog input values in percentage for each channel (1 – 16; 1 – 8 for J3). INPUT TYPE & RANGE A/D DATA (Decimal) DC ±20V ±20000 ±5V ±5000 ±1V ±10000 ±0.8V ±8000 ±0.2V ±20000 ±50mV ±5000 ±10mV ±10000 Thermocouple Temperature x 10 RTD Temperature x 10 Potentiometer 0 – 100Ω 0 – 500Ω 0 – 1kΩ 0 – 10kΩ ±2000 (2) ANALOG INPUT IN ENGINEERING UNIT (30017 to 30048; 30017 to 30032 for J3) Indicates analog input values in engineering unit for each channel (1 – 16; 1 – 8 for J3). The unit is speci c to each input type: °C for temperature, Volts for voltage, and % for potentiometer. The data are 32-bit oating values, which requires two consecutive registers for one module. (3) CHANNEL STATUS (30081 to 30096) Indicates the current status of analog inputs (1 – 16; 1 – 8 for J3). The following list shows the names and descriptions of each bit. BIT NAME DESCRIPTION 6 Input Overrange Indicates the designated analog input is in overrange, de ned as one or more of the following condition: • ADC input value 0x0000 or 0xFFFF • Burnout status for thermocouple, RTD and Potentiometer input • Out of range de ned in the temperature table (thermocouple and RTD) • ADC error 0 : Normal 1 : Overrange 7 ADC Error Indicates the status of ADC. 0 : Normal 1 : Error 12 Cold Junction Compensation SW Indicates whether the cold junction compensation is enabled or disabled, for thermocouple input. 0 : Disable 1 : Enable Others Reserved For system’s use |