| Moteur de recherche de fiches techniques de composants électroniques |
|
R1M-GH2T-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1M-GH2T-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 9 page ![]() MODEL: R1M-GH R1M-GH SPECIFICATIONS ES-5657 Rev.16 Page 3/9 https://www.m-system.co.jp/ EXTERNAL VIEW RS-485 Connector Power Terminals Node Address Setting Rotary SW Configurator Jack RUN Indicator LED RS-232-C 9-pin Connector ABBR. PIN NO. EXPLANATION OF FUNCTION BA (SD) 2 Transmitted Data BB (RD) 3 Received Data AB (SG) 5 Signal Common CB (CS) 7 Clear to Send CA (RS) 8 Request to Send 1 Not Used. 4 DO NOT connect. Connecting may 6 cause malfunctions. 9 1 5 6 9 ■ RS-232-C INTERFACE MODBUS WIRING CONNECTION R1M T1 T2 T3 T4 R1M T1 T2 T3 T4 T1 T2 T3 T4 R1M RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. Install shielded cables to all sections and ground them at single point. *2 FG RS-485 |