| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC755 Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC755 Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 8 page ![]() This document contains information on a new product. Specifications and information herein are subject to change without notice. © Freescale Semiconductor, Inc., 2003, 2006. All rights reserved. Freescale Semiconductor Advance Information This document describes part-number-specific changes to recommended operating conditions and revised electrical specifications, as applicable, from those described in the general MPC755 RISC Microprocessor Hardware Specifications (MPC755EC). The MPC755 and MPC745 are reduced instruction set computing (RISC) microprocessors that implement the PowerPC™ instruction set architecture. The devices described in this specification are no longer in production and this document is provided for reference only. For recommended upgrades or replacement devices, contact your Freescale sales office. Specifications provided in this document supersede those in the MPC755 RISC Microprocessor Hardware Specifications, Rev. 6 or later, for the part numbers listed in Table A only. Specifications not addressed herein are unchanged. Note that headings and table numbers in this document are not consecutively numbered. They are intended to correspond to the heading or table affected in the general hardware specification. Document Number: MPC755ECS03AD Rev. 0.1, 02/2006 Freescale Part Numbers Affected: XPC755BRX400LE XPC755BPX400LE XPC755CRX450LE MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series |
Numéro de pièce similaire - MPC755 |
|
Description similaire - MPC755 |