| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC755 Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC755 Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 8 page ![]() MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series, Rev. 0.1 Freescale Semiconductor 5 Ordering Information 10.3 Part Marking Parts are marked as the example shown in Figure 29. Figure 29. Part Marking for BGA Device BGA MPC755B RX400LE MMMMMM ATWLYYWWA 755 Notes: CCCCC is the country of assembly. This space is left blank if parts are MMMMMM is the 6-digit mask number. ATWLYYWWA is the traceability code. assembled in the United States. |