Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4432-104E/ML Fiches technique(PDF) 75 Page - Microchip Technology

No de pièce MCP4432-104E/ML
Description  7/8-Bit Volatile Quad Digital POT with I2C Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4432-104E/ML Fiches technique(HTML) 75 Page - Microchip Technology

Back Button MCP4432-104E/ML Datasheet HTML 71Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 72Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 73Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 74Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 75Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 76Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 77Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 78Page - Microchip Technology MCP4432-104E/ML Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
 2010 Microchip Technology Inc.
DS22267A-page 75
MCP443X/5X
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
4452502E
1035
256
XXXXX
20-Lead QFN (4x4)
XXXXXX
YYWWNNN
Example
XXXXXX
4451
502EML
256
^^
3
e
20-Lead TSSOP
XXXXXXXX
XXXXX NNN
Example
1035
YYWW
4451502
EST
256
1035
^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94