| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4432-104E/ML Fiches technique(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4432-104E/ML Fiches technique(HTML) 53 Page - Microchip Technology |
|
53 / 94 page ![]() 2010 Microchip Technology Inc. DS22267A-page 53 MCP443X/5X FIGURE 6-11: General Call Formats. 0 00 0 S 0 000 X XXXX A XX0A P General Call Address Second Byte “7-bit Command” Reserved 7-bit Commands (by I2C Specification - NXP UM10204_3, Version 03 19, June 2007) ‘0000 011’b - Reset and write programmable part of slave address by hardware. ‘0000 010’b - Write programmable part of slave address by hardware. ‘0000 000’b - NOT Allowed MCP44XX 7-bit Commands ‘1000 01x’b - Increment Wiper 0 Register. ‘1001 01x’b - Increment Wiper 1 Register. The Following is a Microchip Extension to this General Call Format 0 00 0 S 0 000 X XXXX AX d 0 A General Call Address Second Byte “7-bit Command” MCP44XX 7-bit Commands ‘1000 00d’b - Write Next Byte (Third Byte) to Volatile Wiper 0 Register. ‘1001 00d’b - Write Next Byte (Third Byte) to Volatile Wiper 1 Register. d dddd ddd A P Third Byte The Following is a “Hardware General Call” Format 0 00 0 S0 0 0 0 X XXXX A XX1A General Call Address Second Byte “7-bit Command” X XXXX XXX AP n occurrences of (Data + A) This indicates a “Hardware General Call” MCP44XX will ignore this byte and all following bytes (and A), until ‘1000 10x’b - Decrement Wiper 0 Register. ‘1001 10x’b - Decrement Wiper 1 Register. ‘1100 00d’b - Write Next Byte (Third Byte) to TCON Register. a Stop bit (P) is encountered. ‘0’ for General Call Command |