Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9381PS/N2 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA9381PS/N2
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 5Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 6Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 7Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 8Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 9Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 10Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 11Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 12Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
2001 Jan 18
9
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
Note
1. The function of pin 20, 28, 29, 31, 32, 35 and 44 is dependent on the IC version (mono intercarrier FM demodulator
/ QSS IF amplifier and East-West output or not) and on some software control bits. The valid combinations are given
in table 1.
2. The vertical guard function can be controlled via pin 49 or pin 50. The selction is made by means of the IVG bit in
subaddress 2BH.
Table 1
Pin functions for various versions
Note
1. When additional (external) selectivity is required for FM-PLL system pin 32 can be used as sound IF input. This
function is selected by means of SIF bit in subaddress 28H.
2. The reference output signal is only available for the CMB1/CMB0 setting of 0/1. For the other settings this pin is a
switch output (see also table 67).
INSSW2
45
2nd RGB / YUV insertion input
R2/VIN
46
2nd R input / V (R-Y) input
G2/YIN
47
2nd G input / Y input
B2/UIN
48
2nd B input / U (B-Y) input
BCLIN
49
beam current limiter input / (V-guard input, note 2)
BLKIN
50
black current input / (V-guard input, note 2)
RO
51
Red output
GO
52
Green output
BO
53
Blue output
VDDA
54
analog supply of Teletext decoder and digital supply of TV-processor (3.3 V)
VPE
55
OTP Programming Voltage
VDDC
56
digital supply to core (3.3 V)
OSCGND
57
oscillator ground supply
XTALIN
58
crystal oscillator input
XTALOUT
59
crystal oscillator output
RESET
60
reset
VDDP
61
digital supply to periphery (+3.3 V)
P1.0/INT1
62
port 1.0 or external interrupt 1 input
P1.1/T0
63
port 1.1 or Counter/Timer 0 input
P1.2/INT0
64
port 1.2 or external interrupt 0 input
IC version
FM-PLL version
QSS version
East-West Y/N
N
Y
N
Y
CMB1/CMB0 bits
00
01/10/11
00
01/10/11
00
01/10/11
00
01/10/11
AM bit
−−
−
−
−
01
−
01
Pin 20
AVL
EWD
AVL
EWD
Pin 28
AUDEEM
SIFIN1
Pin 29
DECSDEM
SIFIN2
Pin 31
SNDPLL
SIFAGC
Pin 32
SNDIF(1) REFO(2) AVL/SNDIF(1) REFO(2) AMOUT
REFO(2)
AMOUT
REFO(2)
Pin 35
AUDEXT
AUDEXT QSSO AMOUT AUDEXT QSSO AMOUT
Pin 44
AUDOUT
controlled AM or audio out
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com