Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9381PS/N2 Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce TDA9381PS/N2
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 42Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 43Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 44Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 45Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 46Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 47Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 48Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 49Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
2001 Jan 18
46
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
Character and Attribute Coding
CC MODE
Character coding is split into character oriented attributes (parallel) and character group coding (serial). The serial
attributes take effect either at the position of the attribute (Set At), or at the following location (Set After) and remain
effective until either modified by a new serial attribute or until the end of the row. A serial attribute is represented as a
space (the space character itself however is not used for this purpose), the attributes that are still active, e.g. overline
and underline will be visible during the display of the space. The default setting at the start of a row is:
• 1x size, flash and italics OFF
• overline and underline OFF
• Display mode = superimpose
• fringing OFF
• background colour duration = 0
• end of row = 0
The coding is done in 12 bit words. The codes are stored sequentially in the display memory. A maximum of 768
character positions can be defined for a single display.
PARALLEL CHARACTER CODING
Bits
Description
0-7
8 bit character code
8-10
3 bits for 8 foreground colours
11
Mode bit:
0 = Parallel code
Table 17 Parallel Character Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com