| Moteur de recherche de fiches techniques de composants électroniques |
|
M28F410 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28F410 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 38 page ![]() Operation E G W RP BYTE DQ0 - DQ7 DQ8 - DQ14 DQ15A-1 Read Word VIL VIL VIH VIH VIH Data Output Data Output Data Output Read Byte VIL VIL VIH VIH VIL Data Output Hi-Z Address Input Write Word VIL VIH VIL VIH VIH Data Input Data Input Data Input Write Byte VIL VIH VIL VIH VIL Data Input Hi-Z Address Input Output Disable VIL VIH VIH VIH X Hi-Z Hi-Z Hi-Z Standby VIH XX VIH X Hi-Z Hi-Z Hi-Z Power Down X X X VIL X Hi-Z Hi-Z Hi-Z Note: X= VIL or VIH,VPP =VPPL or VPPH Table 3. Operations DESCRIPTION The M28F410 and M28F420 FLASH MEMORIES are non-volatile memories that may be erased electrically at the block level and programmed by byte or word. The interface is directly compatible with most microprocessors. SO44 and TSOP56 packages are used. Organization The organization, as 512K x 8 or 256K x 16, is selectable by an external BYTE signal. When BYTE is Low and the x8 organization is selected, the Data Input/Outputsignal DQ15 acts as Address line A-1 and selects the lower or upper byte of the memory word for output on DQ0-DQ7, DQ8-DQ14 remain high impedance. When BYTE is High the memory uses the Address inputs A0-A17 and the Data Input/OutputsDQ0-DQ15. Memory control is provided by Chip Enable, Output Enable and Write Enable inputs. A Reset/Power Down/Boot block unlock, tri-level input, places the memory in deep power down, normal operation or enables pro- gramming and erasure of the Boot block. Organi- sation Code Device E G W BYTE A0 A9 A1-A8 & A10-A17 DQ0 - DQ7 DQ8 - DQ14 DQ15 A-1 Word- wide Manufact. Code VIL VIL VIH VIH VIL VID Don’t Care 20h 00h 0 Device Code M28F410 VIL VIL VIH VIH VIH VID Don’t Care 0F2h 00h 0 M28F420 VIL VIL VIH VIH VIH VID Don’t Care 0FAh 00h 0 Byte- wide Manufact. Code VIL VIL VIH VIL VIL VID Don’t Care 20h Hi-Z Don’t Care Device Code M28F410 VIL VIL VIH VIL VIH VID Don’t Care 0F2h Hi-Z Don’t Care M28F420 VIL VIL VIH VIL VIH VID Don’t Care 0FAh Hi-Z Don’t Care Note: RP = VIH Table 4. Electronic Signature 3/38 M28F410, M28F420 |