| Moteur de recherche de fiches techniques de composants électroniques |
|
M28F410 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28F410 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 38 page ![]() Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±1 μA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 μA ICC (1, 3) Supply Current (Read Byte-wide) TTL E = VIL, f = 10MHz, IOUT = 0mA 50 mA ICC (1, 3) Supply Current (Read Word-wide) TTL E = VIL, f = 10MHz, IOUT = 0mA 55 mA ICC (1, 3) Supply Current (Read Byte-wide) CMOS E = VSS, f = 10MHz, IOUT = 0mA 45 mA Supply Current (Read Word-wide) CMOS E= VSS, f = 10MHz, IOUT = 0mA 50 mA ICC1 (3) Supply Current (Standby) TTL E = VIH,RP = VIH 3mA Supply Current (Standby) CMOS E=VCC ± 0.2V, RP = VCC ± 0.2V, BYTE = VCC ± 0.2V or VSS 100 μA ICC2 (3) Supply Current (Power Down) RP = VSS ± 0.2V 5 μA ICC3 Supply Current (Program Byte-wide) Byte program in progress 50 mA Supply Current (Program Word-wide) Word program in progress 60 mA ICC4 Supply Current (Erase) Erase in progress 30 mA ICC5 (2) Supply Current (Erase Suspend) E = VIH, Erase suspended 10 mA IPP Program Current (Read or Standby) VPP >VCC 200 μA IPP1 Program Leakage Current (Read or Standby) VPP ≤ VCC ±10 μA IPP2 Program Current (Power Down) RP = VSS ± 0.2V 5 μA IPP3 Program Current (Program Byte-wide) Byte program in progress 30 mA IPP3 Program Current (Program Word-wide) Word program in progress 40 mA IPP4 Program Current (Erase) Erase in progress 30 mA IPP5 Program Current (Erase Suspend) Erase suspended 200 μA VIL Input Low Voltage –0.5 0.8 V VIH Input High Voltage 2 VCC + 0.5 V VOL Output Low Voltage IOL = 5.8mA 0.45 V VOH Output High Voltage IOH = –2.5mA 2.4 V VPPL Program Voltage (Normal operation) 0 6.5 V VPPH Program Voltage (Program or Erase operations) 11.4 12.6 V VID A9 Voltage (Electronic Signature) 11.4 13 V IID A9 Current (Electronic Signature) A9 = VID 500 μA VLKO Supply Voltage (Erase and Program lock-out) 2V VHH Input Voltage (RP, Boot unlock) Boot block Program or Erase 11.4 13 V Notes: 1. Automatic Power Saving reduces ICC to ≤ 8mA typical in static operation. 2. Current increases to ICC +ICC5 during a read operation. 3. CMOS levels VCC ± 0.2V and VSS ± 0.2V. TTL levels VIH and VIL. Table 10. DC Characteristics (TA = 0 to 70 °C; VCC =5V±10% or 5V±5% ; VPP = 12V±5%) 7/38 M28F410, M28F420 |