| Moteur de recherche de fiches techniques de composants électroniques |
|
51U-1G4-R3 Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
51U-1G4-R3 Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 16 page ![]() 51U Specifications subject to change without notice. GENERAL SPECIFICATIONS Construction: 110 mm-square (4 5/16 in.) panel surface, cylindric body Connection Input & auxiliary power: M4 screw terminals Output: M3 screw terminals Housing material: plastic (black) Isolation: input to output to power; not isolated between analog outputs Scaling: primary values for CT and VT; tertiary value for GVT (Inform M-System CT and VT ratios when ordering.) CT:5 – 8000A (up to 15000A for Code K) VT:110 – 77kV GVT: 63.5 – 190.5V Time lag for demand: 0 sec., 30 sec. or 1, 2, 3, 5, 7, 10, 15, 30 min. (default: 15 min.) Sampling cycle: 400 µsec. (DO NOT connect a device such like inverters.) Measurable frequency ranges: 45 – 44 Hz, 55 – 65 Hz, 45 – 65 Hz Low-end cutout: Display shows 0 for the input less than the following: approx. 1% for current, watt and var; approx. 3% for voltage. INPUT ■VOLTAGE INPUT (must be balanced with 3-phase connection) Operational range Voltage, watt, var, zero-phase voltage: 0 – 100% of rat- ing Power factor: ≥30V Frequency: ≥30V Overload capacity: 200% of rating for 60 sec., 115% for 3 hours Input burden: 0.3VA/phase ■CURRENT INPUT (may be unbalanced with 3-phase connection) Operational range Current, watt, var, demand: 0 – 100% of rating Power factor: ≥5% of rating Overload capacity: 4000% of rating for 1 sec., 2000% for 60 sec., 115% for 3 hours Input burden: 0.1VA/phase ■REMOTE CONTROL Display switching: same functions as the front DISPLAY button does; input time ≥0.3 sec., input current 5mA Reset input: max. zero-phase voltage and demand; input time ≥0.3 sec., input current 5mA OUTPUT ■CURRENT OUTPUT: 4 – 20mA DC Load resistance: 500Ω maximum DISPLAY ITEMS RATING INPUT RANGE Current 5A 0 – 5A Voltage 1ø / 2w 1 – 2 105V 0 – 150V 1ø / 3w 1 – N 105V 0 – 150V 2 – N 105V 0 – 150V 1 – 2 210V 0 – 300V 3ø / 3w line 110V 0 – 150V 220V 0 – 300V 3ø / 4w line 110V 0 – 150V phase 110 / √ 3 V 0 – 150 / √ 3 V Watt 110V / 5A 0 – 1 kW (0 – 5 kW) 110V / 5A -1 – +1 kW (-0.5 – +0.5 kW) 220V / 5A 0 – 2 kW 220V / 5A -2 – +2 kW Var110V / 5A 0 – lag1 kvar (0 – lag500 var) 110V / 5A lead1 – lag1 kvar (lead500 – lag 500 var) 220V / 5A 0 – lag2 kvar 220V / 5A lead2 – lag2 kvar Power factor –– lead 50 – 100 – lag 50 % Frequency –– 45.0 – 55.0 Hz 55.0 – 65.0 Hz 45.0 – 65.0 Hz Max. zero-phase voltage 63.5V 0 – 86.6V 110.0V 0 – 150.0V 190.5V 0 – 259.8V Demand 5A 0 – 5A, element S Maximum demand 5A 0 – 5A, element S Remarks: 1) Values for single-phase connection in brackets. 2) Displays are automatically scaled according to the scal- ing factor settings for VT and CT. 3) Reverse or lead flow are displayed with the negative (–) indicator. ■PULSE OUTPUT: totalizing watt in forward flow or var in lag. Scaling factor: 0.01, 0.1, 1, 10, 100 kWh/pulse (default: 1) Contact rating: 110V DC @0.1A (resistive load) 110V AC @0.1A (resistive load) Pulse width time: 100 – 150 msec. (pulse rate ≤12000 pulses/h) ■TRANSMISSION OUTPUT (Multi-Meter Protocol) Transmission: conform to RS-485, EIA Transmission distance: 1 kilometer max. (≤31 units) Cable: shielded twisted-pair cable (CPEV-S 0.9 dia.) Terminator: incorporated ■DEMAND ALARM CONTACT OUTPUT Alarm setpoint: 5 – 100%; adjustable in 0.5% incre- ments Contact rating: 110V DC @0.1A (resistive load) ON resistance: ≤50Ω I/O RANGES Proportional to 4 – 20mA DC P. 2 / 16 ES-6481 Rev.9 |