| Moteur de recherche de fiches techniques de composants électroniques |
|
51U-1G4-R3 Fiches technique(PDF) 13 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
51U-1G4-R3 Fiches technique(HTML) 13 Page - M-System Co.,Ltd. |
|
13 / 16 page ![]() MODEL 51U-4 MODEL & SUFFIX CODE SELECTION THREE-PHASE / 4-WIRE CONNECTION ORDERING INFORMATION Specify code number. (e.g. 51U-4D4-M1) CONNECTION DIAGRAM TERMINATOR RS-485 DISPLAY SWITCHING POWER Dis. – + SL •RS-485 Close across the terminator when the unit is located at the end of transmission line. DISPLAY SIWTCHING POWER Dis. Ter •Without Outputs ■ OUTPUT •4 – 20mA DC, 3 points (See the following pages.) •4 – 20mA DC, 2 points + pulse 1 point (See the following pages.) •4 – 20mA DC, 2 points + reset input (See the following pages.) 51U–4❑❑–❑❑ MODEL INPUT (balanced) 4 : 3-phase / 4-wire, 110V / √ 3 V / 5A AC DISPLAY ITEMS A :A × 3 B :V × 3 C :A × 3, V × 3 D :A × 3, V × 3, kW E :A × 3, V × 3, kWh F :A × 3, kW, kWh G : Hz, PF, kvar J :A × 3, DA, MDA L : Hz, PF, kW M :PF, kW, kWh N :V × 3, kW, kWh P :A × 3 or DA or MDA, V × 3, kWh Q :A × 3, PF, kW R :A × 3, PF, kvar S :A × 3 or PF, kW, kWh T :A × 3, PF, kvarh U :V × 3, Hz X :A × 3, kvar, kvarh Y : Hz, PF, kWh V = Line voltage A = Line current kW = Kilowatt kvar = Kilovar PF = Power factor Hz = Frequency kWh = Kilowatthours kvarh = Kilovarhours DA = Demand (current) MDA = Maximum demand (current) V0 = Zero-phase voltage MV0 = Maximum zero-phase voltage OUTPUT (selectable display items codes) 0 : None (J with reset input) 1 :4 – 20mA DC, 3 points (A B C D G L Q R U) 2 :4 – 20mA DC, 2 points + pulse (E F M N P S T X Y) 3 :4 – 20mA DC, 2 points + reset input (J) 4 : RS-485 AUXILIARY POWER SUPPLY M : 85 – 264V AC R : 24V DC P :110V DC REMOTE CONTROL 1 : 85 – 132V AC or 85 – 143V DC 2 : 20 – 30V DC 3 : 170 – 264V AC 2L 2S 1L 1S 3S 3L CH1 CH2 CH3 Dis Output Input Power Input V1 E N PV2 V3 VN V1 E N PV2 V3 VN ■ POWER & INPUT CT N T S R kl KL 1S 1L kl KL kl KL 2L 2S 1L 1S 3S 3L V2 V3 VN U VT UU V uu u VV vv v V1 2S 2L 3S 3L Suffix Codes C, D, E, F, G, L, M, N, P, Q, R, S, T, X, Y Suffix Codes C, D, E, F, G, L, M, N, P, Q, R, S, T, X, Y 2L 2S 1L 1S 3S 3L A, J (measuring current only) B, U (measuring voltage only) E N P A, J (measuring current only) V1 E N PV2 V3 VN B, U (measuring voltage only) DC or AC POWER P. 13 / 16 ES-6481 Rev.9 |